Part Number Hot Search : 
TP3600 UF1003F 17317 CO55C 1587AT33 SMBJ100 CTZ30A MIW2126
Product Description
Full Text Search
 

To Download SN74AUC1G06DBVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features description/ordering information sn74auc1g06 single inverter buffer/driver with open-drain output sces372m ? september 2001 ? revised february 2007 available in the texas instruments low power consumption, 10- m a max i cc nanostar? and nanofree? packages 8-ma output drive at 1.8 v optimized for 1.8-v operation and is 3.6-v i/o latch-up performance exceeds 100 ma per tolerant to support mixed-mode signal jesd 78, class ii operation esd protection exceeds jesd 22 i off supports partial-power-down mode ? 2000-v human-body model (a114-a) operation ? 200-v machine model (a115-a) sub-1-v operable ? 1000-v charged-device model (c101) max t pd of 2.5 ns at 1.8 v this single inverter buffer/driver is operational at 0.8-v to 2.7-v v cc , but is designed specifically for 1.65-v to 1.95-v v cc operation. the output of the sn74auc1g06 is open drain and can be connected to other open-drain outputs to implement active-low wired-or or active-high wired-and functions. ordering information t a package (1) orderable part number top-side marking (2) nanofree? ? wcsp (dsbga) 0.23-mm large bump ? yzp reel of 3000 sn74auc1g06yzpr _ _ _ut_ ?40 ? c to (pb-free) 85 ? c sot (sot-23) ? dbv reel of 3000 SN74AUC1G06DBVR u06_ sot (sc-70) ? dck reel of 3000 sn74auc1g06dckr ut_ (1) package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. (2) dbv/dck: the actual top-side marking has one additional character that designates the assembly/test site. yzp: the actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. pin 1 identifier indicates solder-bump composition (1 = snpb, = pb-free). please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. nanostar, nanofree are trademarks of texas instruments. production data information is current as of publication date. copyright ? 2001?2007, texas instruments incorporated products conform to specifications per the terms of the texas instruments standard warranty. production processing does not necessarily include testing of all parameters. www.ti.com
description/ordering information (continued) absolute maximum ratings (1) sn74auc1g06 single inverter buffer/driver with open-drain output sces372m ? september 2001 ? revised february 2007 nanostar? and nanofree? package technology is a major breakthrough in ic packaging concepts, using the die as the package. this device is fully specified for partial-power-down applications using i off . the i off circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. for more information about auc little logic devices, please refer to the ti application report, applications of texas instruments auc sub-1-v little logic devices, literature number scea027. function table input output a y h l l h logic diagram (positive logic) over operating free-air temperature range (unless otherwise noted) min max unit v cc supply voltage range ?0.5 3.6 v v i input voltage range (2) ?0.5 3.6 v v o output voltage range (2) ?0.5 v cc + 0.5 v i ik input clamp current v i < 0 ?50 ma i ok output clamp current v o < 0 ?50 ma i o continuous output current 20 ma continuous current through v cc or gnd 100 ma dbv package 206 q ja package thermal impedance (3) dck package 252 ? c/w yzp package 132 t stg storage temperature range ?65 150 ? c (1) stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) the input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) the package thermal impedance is calculated in accordance with jesd 51-7. 2 submit documentation feedback www.ti.com a y 2 4
recommended operating conditions (1) electrical characteristics switching characteristics sn74auc1g06 single inverter buffer/driver with open-drain output sces372m ? september 2001 ? revised february 2007 min max unit v cc supply voltage 0.8 2.7 v v cc = 0.8 v v cc v ih high-level input voltage v cc = 1.1 v to 1.95 v 0.65 ? v cc v v cc = 2.3 v to 2.7 v 1.7 v cc = 0.8 v 0 v il low-level input voltage v cc = 1.1 v to 1.95 v 0.35 ? v cc v v cc = 2.3 v to 2.7 v 0.7 v i input voltage 0 3.6 v v o output voltage 0 3.6 v v cc = 0.8 v 0.7 v cc = 1.1 v 3 i ol low-level output current v cc = 1.4 v 5 ma v cc = 1.65 v 8 v cc = 2.3 v 9 v cc = 0.8 v to 1.6 v 20 d t/ d v input transition rise or fall rate v cc = 1.65 v 10 ns/v v cc = 2.3 v 5 t a operating free-air temperature ?40 85 ? c (1) all unused inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs, literature number scba004. over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions v cc min typ (1) max unit i ol = 100 m a 0.8 v to 2.7 v 0.2 i ol = 0.7 ma 0.8 v 0.25 i ol = 3 ma 1.1 v 0.3 v ol v i ol = 5 ma 1.4 v 0.4 i ol = 8 ma 1.65 v 0.45 i ol = 9 ma 2.3 v 0.6 i i a input v i = v cc or gnd 0 to 2.7 v 5 m a i off v i or v o = 2.7 v 0 10 m a i cc v i = v cc or gnd, i o = 0 0.8 v to 2.7 v 10 m a c i v i = v cc or gnd 2.5 v 3 pf (1) all typical values are at t a = 25 ? c. over recommended operating free-air temperature range, c l = 15 pf (unless otherwise noted) (see figure 1 ) v cc = 1.2 v v cc = 1.5 v v cc = 1.8 v v cc = 2.5 v v cc = 0.8 v from to 0.1 v 0.1 v 0.15 v 0.2 v parameter unit (input) (output) typ min max min max min typ max min max t pd a y 5 0.3 3.1 0.2 2.4 0.2 1.4 2.5 0.2 1.7 ns 3 submit documentation feedback www.ti.com
switching characteristics operating characteristics sn74auc1g06 single inverter buffer/driver with open-drain output sces372m ? september 2001 ? revised february 2007 over recommended operating free-air temperature range, c l = 30 pf (unless otherwise noted) (see figure 1 ) v cc = 1.8 v v cc = 2.5 v from to 0.15 v 0.2 v parameter unit (input) (output) min typ max min max t pd a y 0.5 1.6 2.5 0.2 1.8 ns t a = 25 ? c v cc = 0.8 v v cc = 1.2 v v cc = 1.5 v v cc = 1.8 v v cc = 2.5 v test parameter unit conditions typ typ typ typ typ power dissipation c pd f = 10 mhz 2 2 2 2 7 pf capacitance 4 submit documentation feedback www.ti.com
parameter measurement information sn74auc1g06 single inverter buffer/driver with open-drain output sces372m ? september 2001 ? revised february 2007 figure 1. load circuit and voltage waveforms 5 submit documentation feedback www.ti.com notes: a. c includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z = 50 , slew rate 1 v/ns. d. the outputs are measured one at a time, with one transition per measurement. e. t and t are the same as t . f. t and t are the same as t . g. t and t are the same as t . l o plz phz dis pzl pzh en plh phl pd w 3 from output under test c (see note a) l load circuit s1 2 v cc open gnd r l r l t /t plh phl open test s1 2 v cc t /t plz pzl gnd t /t phz pzh 0 v t w input 0 v input outputoutput voltage waveforms propagation delay times inverting and noninverting outputs voltage waveforms pulse duration v cc /2 v cc /2 v cc /2 v cc /2 v ol v oh v cc v cc v oh v ol v cc /2 v cc /2 v cc /2 v cc /2 t plh t phl t plh t phl t h t su data input timing input 0 v0 v output waveform 1 s1 at 2 v (see note b) cc output waveform 2 s1 at gnd (see note b) v ol v oh 0 v? 0 v output control v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 voltage waveforms enable and disable times low- and high-level enabling voltage waveforms setup and hold times v cc v cc v cc v cc /2 v cc /2 v cc t pzl t plz t phz t pzh v C v oh d v + v ol d 0.8 v 1.2 v 0.1 v 1.5 v 0.1 v 1.8 v 0.15 v 2.5 v 0.2 v 1.8 v 0.15 v 2.5 v 0.2 v v cc 2 k w 2 k w 2 k w 2 k w 2 k w 1 k w 500 w r l 0.1 v0.1 v 0.1 v 0.15 v0.15 v 0.15 v 0.15 v v d c l 15 pf15 pf 15 pf 15 pf 15 pf 30 pf 30 pf
packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) SN74AUC1G06DBVR active sot-23 dbv 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AUC1G06DBVRe4 active sot-23 dbv 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim SN74AUC1G06DBVRg4 active sot-23 dbv 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74auc1g06dckr active sc70 dck 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74auc1g06dckre4 active sc70 dck 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74auc1g06dckrg4 active sc70 dck 5 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74auc1g06yzpr active dsbga yzp 5 3000 green (rohs & no sb/br) snagcu level-1-260c-unlim (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. package option addendum www.ti.com 22-jul-2008 addendum-page 1
tape and reel information *all dimensions are nominal device package type package drawing pins spq reel diameter (mm) reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p1 (mm) w (mm) pin1 quadrant SN74AUC1G06DBVR sot-23 dbv 5 3000 180.0 9.2 3.23 3.17 1.37 4.0 8.0 q3 sn74auc1g06dckr sc70 dck 5 3000 180.0 9.2 2.24 2.34 1.22 4.0 8.0 q3 sn74auc1g06yzpr dsbga yzp 5 3000 180.0 8.4 1.02 1.52 0.63 4.0 8.0 q1 package materials information www.ti.com 24-sep-2009 pack materials-page 1
*all dimensions are nominal device package type package drawing pins spq length (mm) width (mm) height (mm) SN74AUC1G06DBVR sot-23 dbv 5 3000 202.0 201.0 28.0 sn74auc1g06dckr sc70 dck 5 3000 202.0 201.0 28.0 sn74auc1g06yzpr dsbga yzp 5 3000 220.0 220.0 34.0 package materials information www.ti.com 24-sep-2009 pack materials-page 2



important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third-party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. ti products are not authorized for use in safety-critical applications (such as life support) where a failure of the ti product would reasonably be expected to cause severe personal injury or death, unless officers of the parties have executed an agreement specifically governing such use. buyers represent that they have all necessary expertise in the safety and regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of ti products in such safety-critical applications, notwithstanding any applications-related information or support that may be provided by ti. further, buyers must fully indemnify ti and its representatives against any damages arising out of the use of ti products in such safety-critical applications. ti products are neither designed nor intended for use in military/aerospace applications or environments unless the ti products are specifically designated by ti as military-grade or "enhanced plastic." only products designated by ti as military-grade meet military specifications. buyers acknowledge and agree that any such use of ti products which ti has not designated as military-grade is solely at the buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti products are neither designed nor intended for use in automotive applications or environments unless the specific ti products are designated by ti as compliant with iso/ts 16949 requirements. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ti will not be responsible for any failure to meet such requirements. following are urls where you can obtain information on other texas instruments products and application solutions: products applications amplifiers amplifier.ti.com audio www.ti.com/audio data converters dataconverter.ti.com automotive www.ti.com/automotive dlp? products www.dlp.com broadband www.ti.com/broadband dsp dsp.ti.com digital control www.ti.com/digitalcontrol clocks and timers www.ti.com/clocks medical www.ti.com/medical interface interface.ti.com military www.ti.com/military logic logic.ti.com optical networking www.ti.com/opticalnetwork power mgmt power.ti.com security www.ti.com/security microcontrollers microcontroller.ti.com telephony www.ti.com/telephony rfid www.ti-rfid.com video & imaging www.ti.com/video rf/if and zigbee? solutions www.ti.com/lprf wireless www.ti.com/wireless mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2009, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of SN74AUC1G06DBVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X